PART |
Description |
Maker |
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
PE6818 |
40 Watts Medium Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
|
Pasternack Enterprises,...
|
TGA1073A TGA1073A-SCC |
26- 34 GHz Medium Power Amplifier 26000 MHz - 35000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
TriQuint Semiconductor, Inc. TRIQUINT[TriQuint Semiconductor]
|
CMM1530-LC CMM1530-LC-00S0 CMM1530-LC-00ST CMM1530 |
1850 MHz - 1910 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 1.85 to 1.91 GHz 3.0V, 30 dBm, PCS/PCN LCC-8 Power Amplifier 1.85.91 GHz.0V0 dBm的, PCN持有LCC - 8功率放大
|
MIMIX BROADBAND INC Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers N.A. ETC[ETC] CELERITEK
|
AA026P2-A4 |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:20; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 23.5-26.5 GHz的表面贴装中等功率放大器 23.5-26.5 GHz Surface Mount Medium Power Amplifier 23.526.5 GHz Surface Mount Medium Power Amplifier
|
Alpha Industries, Inc. Alpha Industries Inc
|
EMA302B |
22-26 GHz medium power MMIC
|
Excelics Semiconductor
|
TA060-180-28-27 |
6 ~ 18 GHz 27dBm Medium Power Amplifier
|
Transcom, Inc.
|
AT-42010 |
Up to 6 GHz Medium Power Silicon Bipolar Transistor
|
AVAGO TECHNOLOGIES LIMITED
|
AT-42086 AT-42086-BLK AT-42086-TR1 |
Up to 6 GHz Medium Power Silicon Bipolar Transistor
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HMC499LC409 |
SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
|
Hittite Microwave Corporation
|
PE6216 |
Medium Power 50 Watts RF Load Up To 18 GHz With TNC
|
Pasternack Enterprises,...
|